PART |
Description |
Maker |
MC100E446FN MC100E446FNG MC100E446FNR2 MC100E446FN |
5V ECL 4-Bit Parallel/Serial Converter; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 100E SERIES, 4-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, COMPLEMENTARY OUTPUT, PQCC28
|
ONSEMI[ON Semiconductor]
|
HI-8684PST-10 HI-8683 HI-8683PJI HI-8683PJT HI-868 |
ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA 384 MCELL 3 VOLT ZERO POWER ISP CPLD - NOT RECOMMENDED for NEW DESIGN (HI-8683 / HI-8684) ARINC INTERFACE DEVICE ARINC 429 & 561 SERIAL DATA TO 8-BIT PARALLEL DATA ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA System component for interfacing incoming ARINC 429 signals to 8-bit parallel data
|
http:// HOLTIC[Holt Integrated Circuits] HOLT INTEGRATED CIRCUITS INC Holt Integrated Circuit...
|
74F675ASPC 74F675ASC 74F675APC 74F675A |
16-Bit Serial-In, Serial/Parallel-Out Shift Register F/FAST SERIES, 16-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO24
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LVC595A 74LVC595ABQ 74LVC595AD 74LVC595APW 74LVC |
8-bit serial-in/serial-out or parallel-out shift register; 3-state; Package: SOT403-1 (TSSOP16); Container: Reel Pack, SMD, 13" LVC/LCX/Z SERIES, 8-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO16 8-bit serial-in/serial-out or parallel-out shift register; 3-state; Package: SOT109-1 (SO16); Container: Reel Pack, SMD, 13" LVC/LCX/Z SERIES, 8-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO16
|
NXP Semiconductors N.V.
|
HI-8785 HI-8785PSI HI-8785PST HI-8783 HI-8783PDI H |
8 Bit Parallel data converted to 429 and 561 serial data out ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT 384 MCELL 3 VOLT ZERO POWER ISP CPLD - NOT RECOMMENDED for NEW DESIGN ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT 1 CHANNEL(S), SERIAL COMM CONTROLLER, PDSO20 ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT 1 CHANNEL(S), SERIAL COMM CONTROLLER, PDSO24 ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT 1 CHANNEL(S), SERIAL COMM CONTROLLER, PDIP22 512 MACROCELL 3.3 VOLT ZERO POWER ISP CP - NOT RECOMMENDED for NEW DESIGN ARINC公司接口设备位并行数据转换成429
|
HOLTIC[Holt Integrated Circuits] Holt Integrated Circuits, Inc.
|
MC54HC164AJ MC54_74HC163A MC74HC164ADT ON1365 MC54 |
8-Bit Serial-Input/Parallel-Output Shift Register 8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGLSTER From old datasheet system
|
Motorola, Inc ON Semi MOTOROLA[Motorola Inc]
|
MAX11100 EL2423J/883B MAX148BCAP-T MAX148BCAPT MAX |
16-Bit, 5V, 200ksps ADC with 10μA Shutdown Quad De-Compensated High Speed Operational Amplifier 四德补偿的高速运算放大器 2.7V to 5.25V Low-Power 8-Channel Serial 10-Bit ADCs 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 3V, 8-Bit ADC with 1µA Power Down 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20 3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers 1-CH DELTA-SIGMA ADC, PDSO28 CMOS, 1.3µs, 8-Bit ADC with Voltage Reference and Track/Hold 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP20
|
Maxim Integrated Products, Inc.
|
74HC595 74HC595D 74HC595DB 74HC595N 74HC595PW 74HC |
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
|
Philips Semiconductors
|
74HC595D 74HC595DB 74HC595N 74HC595PW |
8-bit serial-in/serial or parallel-out shift register with output latches 3-state
|
Philips
|
74HC595BQ-Q100 74HC595D-Q100 74HC595DB-Q100 74HC59 |
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
|
NXP Semiconductors
|
74AHC595 74AHC595D 74AHC595PW 74AHCT595PW 74AHCT59 |
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
|
PHILIPS[Philips Semiconductors]
|
27HC595P 27HC595T 27HCT595P 27HCT595T |
8-bit serial-in/serial-on parallel-out shift register with output latche; 3-state
|
Philips
|